Part Number Hot Search : 
3S132 ASM161 LM1101N5 10N65KL FSUSB 650NUX HFM101 MA300RW
Product Description
Full Text Search
 

To Download ISPLSI2032A-110LTN48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  isplsi 2032/a in-system programmable high density pld 2032_11 1 use isplsi 2032e for new designs lead- free package options available! features enhancements isplsi 2032a is fully form and function compatible to the isplsi 2032, with identical timing specifcations and packaging isplsi 2032a is built on an advanced 0.35 micron e 2 cmos technology high density programmable logic 1000 pld gates 32 i/o pins, two dedicated inputs 32 registers high speed global interconnect wide input gating for fast counters, state machines, address decoders, etc. small logic block size for random logic high performance e 2 cmos technology f max = 180 mhz maximum operating frequency t pd = 5.0 ns propagation delay ttl compatible inputs and outputs electrically erasable and reprogrammable non-volatile 100% tested at time of manufacture unused product term shutdown saves power in-system programmable in-system programmable (isp) 5v only increased manufacturing yields, reduced time-to- market and improved product quality reprogram soldered devices for faster prototyping offers the ease of use and fast system speed of plds with the density and flexibility of field programmable gate arrays complete programmable device can combine glue logic and structured designs enhanced pin locking capability three dedicated clock input pins synchronous and asynchronous clocks programmable output slew rate control to minimize switching noise flexible pin placement optimized global routing pool provides global interconnectivity lead-free package options description the isplsi 2032 and 2032a are high density program- mable logic devices. the devices contain 32 registers, 32 universal i/o pins, two dedicated input pins, three dedicated clock input pins, one dedicated global oe input pin and a global routing pool (grp). the grp provides complete interconnectivity between all of these elements. the isplsi 2032 and 2032a feature 5v in- system programmability and in-system diagnostic capabilities. the isplsi 2032 and 2032a offer non- volatile reprogrammability of the logic, as well as the interconnect to provide truly reconfigurable systems. the basic unit of logic on these devices is the generic logic block (glb). the glbs are labeled a0, a1 .. a7 (figure 1). there are a total of eight glbs in the isplsi 2032 and 2032a devices. each glb is made up of four macrocells. each glb has 18 inputs, a programmable and/or/exclusive or array, and four outputs which can be configured to be either combinatorial or registered. inputs to the glb come from the grp and dedicated inputs. all of the glb outputs are brought back into the grp so that they can be connected to the inputs of any glb on the device. functional block diagram global routing pool (grp) a0 a1 a3 input bus output routing pool (orp) a7 a6 a5 a4 input bus output routing pool (orp) a2 glb logic array dq dq dq dq 0139bisp/2000 copyright ?2006 lattice semiconductor corp. all brand or product names are trademarks or registered trademarks of their respec tive holders. the specifications and information herein are subject to change without notice. lattice semiconductor corp., 5555 northeast moore ct., hillsboro, oregon 97124, u.s.a. tel. (503) 268-8000; 1-800-lattice; fax (503) 268-8556; http://www.latticesemi.com august 2006 select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 2 use isplsi 2032e for new designs functional block diagram figure 1. isplsi 2032/a functional block diagram all of these signals are made available to the inputs of the glbs. delays through the grp have been equalized to minimize timing skew. clocks in the isplsi 2032 and 2032a devices are se- lected using the dedicated clock pins. three dedicated clock pins (y0, y1, y2) or an asynchronous clock can be selected on a glb basis. the asynchronous or product term clock can be generated in any glb for its own clock. the devices also have 32 i/o cells, each of which is directly connected to an i/o pin. each i/o cell can be individually programmed to be a combinatorial input, output or bi-directional i/o pin with 3-state control. the signal levels are ttl compatible voltages and the output drivers can source 4 ma or sink 8 ma. each output can be programmed independently for fast or slow output slew rate to minimize overall output switching noise. eight glbs, 32 i/o cells, two dedicated inputs and two orps are connected together to make a megablock (figure 1). the outputs of the eight glbs are connected to a set of 32 universal i/o cells by the orp. each isplsi 2032 and 2032a device contains one megablock. the grp has as its inputs, the outputs from all of the glbs and all of the inputs from the bi-directional i/o cells. global routing pool (grp) a0 a1 a3 input bus output routing pool (orp) a7 a6 a5 a4 input bus output routing pool (orp) a2 clk 0 clk 1 clk 2 goe 0 notes: *y1 and reset are multiplexed on the same pin i/o 0 i/o 1 i/o 2 i/o 3 i/o 6 i/o 7 i/o 8 i/o 9 i/o 10 i/o 11 i/o 12 i/o 13 i/o 14 i/o 15 i/o 31 i/o 30 i/o 29 i/o 28 i/o 27 i/o 26 i/o 25 i/o 24 i/o 23 i/o 22 i/o 21 i/o 20 i/o 19 i/o 18 i/o 17 i/o 16 sdi/in 0 sdo/in 1 i/o 4 i/o 5 y0 sclk/y2 ispen mode 0139b(1)isp/2000 y1*/reset select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 3 use isplsi 2032e for new designs absolute maximum ratings 1 supply voltage v cc ................................... -0.5 to +7.0v input voltage applied ........................ -2.5 to v cc +1.0v off-state output voltage applied ..... -2.5 to v cc +1.0v storage temperature ................................ -65 to 150 c case temp. with power applied .............. -55 to 125 c max. junction temp. (t j ) with power applied ... 150 c 1. stresses above those listed under the ?bsolute maximum ratings?may cause permanent damage to the device. functional operation of the device at these or at any other conditions above those indicated in the operational sections of this specifica tion is not implied (while programming, follow the programming specifications). dc recommended operating condition t a = 0c to + 70c t a = -40c to + 85c symbol table 2 - 0005/2032 v cc v ih v il parameter supply voltage input high voltage input low voltage min. max. units 4.75 4.5 2.0 0 5.25 5.5 v cc +1 0.8 v v v v commercial industrial capacitance (t a =25 c, f=1.0 mhz) c symbol table 2-0006/2032 c parameter i/o capacitance 7 units typical test conditions 1 2 6 dedicated input capacitance pf pf v = 5.0v, v = 2.0v v = 5.0v, v = 2.0v cc cc i/o in c clock capacitance 10 3 pf v = 5.0v, v = 2.0v cc y data retention specifications table 2-0008a-isp parameter data retention minimum maximum units erase/reprogram cycles 20 10000 years cycles select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 4 use isplsi 2032e for new designs input pulse levels table 2-0003/2032 input rise and fall time 10% to 90% input timing reference levels output timing reference levels output load gnd to 3.0v 1.5v 1.5v see figure 2 3-state levels are measured 0.5v from steady-state active level. -135, -150, -180 -80, -110 1.5 ns 3 ns figure 2. test load + 5v r 1 r 2 c l * device output test point * c l includes test fixture and probe capacitance. 0213a switching test conditions dc electrical characteristics over recommended operating conditions output load conditions (see figure 2) test condition r1 r2 cl a 470 390 35pf b 390 35pf 470 390 35pf active high active low c 470 390 5pf 390 5pf active low to z at v +0.5v ol active high to z at v -0.5v oh table 2 - 0004a v ol symbol 1. one output at a time for a maximum duration of one second. v = 0.5v was selected to avoid test problems by tester ground degradation. characterized but not 100% tested. 2. measured using two 16-bit counters. 3. typical values are at v = 5v and t = 25 c. 4. maximum i varies widely with specific device configuration and operating frequency. refer to the power consumption section of this data sheet and thermal management section of the lattice semiconductor data book or cd-rom to estimate maximum i . table 2-0007/2032 1 v oh i ih i il i il-isp parameter i il-pu i os 2, 4 i cc output low voltage output high voltage input or i/o high leakage current input or i/o low leakage current ispen input low leakage current i/o active pull-up current output short circuit current operating power supply current i = 8 ma i = -4 ma 3.5v v v 0v v v (max.) 0v v v 0v v v v = 5v, v = 0.5v v = 0.0v, v = 3.0v f = 1 mhz ol oh in il in cc in il in il cc out toggle il ih condition min. typ. max. units 3 2.4 0.4 10 -10 -150 -150 -200 v v a a a a ma cc a out 40 40 ma ma ?0 ma -180, -150 others cc cc comm. industrial select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 5 use isplsi 2032e for new designs external timing parameters over recommended operating conditions t pd1 units -150 min. test cond. 1. unless noted otherwise, all parameters use the grp, 20 ptxor path, orp and y0 clock. 2. refer to timing model in this data sheet for further details. 3. standard 16-bit counter using grp feedback. 4. reference switching test conditions section. table 2-0030b-180/2032 1 4 3 1 tsu2 + tco1 ( ) -135 min. max. max. description # 2 parameter a 1 data prop. delay, 4pt bypass, orp bypass 5.5 7.5 ns t pd2 a 2 data prop. delay ns f max a 3 clk frequency with internal feedback 154 137 mhz f max (ext.) 4 clk frequency with ext. feedback mhz f max (tog.) 5 clk frequency, max. toggle mhz t su1 6 glb reg setup time before clk, 4 pt bypass ns t co1 a 7 glb reg. clk to output delay, orp bypass ns t h1 8 glb reg. hold time after clk, 4 pt bypass 0.0 ns t su2 9 glb reg. setup time before clk 4.5 ns t co2 10 glb reg. clk to output delay ns t h2 11 glb reg. hold time after clk 0.0 ns t r1 a 12 ext. reset pin to output delay ns t rw1 13 ext. reset pulse duration 4.5 ns t ptoeen b 14 input to output enable ns t ptoedis c 15 input to output disable ns t goeen b 16 global oe output enable ns t goedis c 17 global oe output disable ns t wh 18 ext. synchronous clk pulse duration, high 3.0 ns t wl 19 ext. synchronous clk pulse duration, low 3.0 ns 111 167 3.0 4.5 5.0 8.0 11.0 11.0 5.0 5.0 8.0 -180 min. max. 5.0 180 0.0 4.0 0.0 4.0 2.5 2.5 125 200 3.0 4.0 4.5 7.0 10.0 10.0 5.0 5.0 7.5 100 167 4.0 0.0 5.5 0.0 5.0 3.0 3.0 10.0 4.5 5.5 10.0 12.0 12.0 6.0 6.0 select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 6 use isplsi 2032e for new designs external timing parameters over recommended operating conditions t pd1 units -110 min. test cond. 1. unless noted otherwise, all parameters use the grp, 20 ptxor path, orp and y0 clock. 2. refer to timing model in this data sheet for further details. 3. standard 16-bit counter using grp feedback. 4. reference switching test conditions section. table 2-0030b-110/2032 1 4 3 1 tsu2 + tco1 ( ) -80 min. max. max. description # 2 parameter a 1 data propagation delay, 4pt bypass, orp bypass 10.0 15.0 ns t pd2 a 2 data propagation delay ns f max a 3 clock frequency with internal feedback 111 84.0 mhz f max (ext.) 4 clock frequency with external feedback mhz f max (tog.) 5 clock frequency, max. toggle mhz t su1 6 glb reg. setup time before clock, 4 pt bypass ns t co1 a 7 glb reg. clock to output delay, orp bypass ns t h1 8 glb reg. hold time after clock, 4 pt bypass 0.0 ns t su2 9 glb reg. setup time before clock 7.5 ns t co2 10 glb reg. clock to output delay ns t h2 11 glb reg. hold time after clock 0.0 ns t r1 a 12 ext. reset pin to output delay ns t rw1 13 ext. reset pulse duration 6.5 ns t ptoeen b 14 input to output enable ns t ptoedis c 15 input to output disable ns t goeen b 16 global oe output enable ns t goedis c 17 global oe output disable ns t wh 18 external synchronous clock pulse duration, high 4.0 ns t wl 19 external synchronous clock pulse duration, low 4.0 ns 77.0 125 5.5 5.5 6.5 13.5 14.5 14.5 7.0 7.0 13.0 57.0 83.0 7.5 0.0 9.5 0.0 10.0 6.0 6.0 18.5 8.0 9.5 19.5 24.0 24.0 12.0 12.0 select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 7 use isplsi 2032e for new designs over recommended operating conditions internal timing parameters 1 t io 1. internal timing parameters are not tested and are for reference only. 2. refer to timing model in this data sheet for further details. 3. the xor adjacent path can only be used by hard macros. table 2-0036c-180/2032 inputs units -150 min. -135 min. max. max. description # 2 parameter 20 input buffer delay 1.1 ns t din 21 dedicated input delay 2.4 ns t grp 22 grp delay 1.3 ns glb t 1ptxor 25 1 product term/xor path delay 5.0 ns t 20ptxor 26 20 product term/xor path delay 5.1 ns t xoradj 27 xor adjacent path delay 5.6 ns t gbp 28 glb register bypass delay 0.0 ns t gsu 29 glb register setup time before clock 0.3 ns t gh 30 glb register hold time after clock 3.0 ns t gco 31 glb register clock to output delay 0.7 ns 3 t gro 32 glb register reset to output delay 1.1 ns t ptre 33 glb product term reset to register delay 4.4 ns t ptoe 34 glb product term output enable to i/o cell delay 6.4 ns t ptck 35 glb product term clock delay 2.9 5.2 ns orp t ob 38 output buffer delay 1.2 ns t sl 39 output slew limited delay adder 10.0 ns 0.6 1.3 grp 0.7 t 4ptbpc 23 4 product term bypass path delay (combinatorial) 3.6 ns t 4ptbpr 24 4 product term bypass path delay (registered) 3.6 ns 4.3 4.6 5.0 0.0 2.6 3.1 0.7 1.8 0.8 1.2 2.9 6.9 2.5 4.1 t orp 36 orp delay 1.3 ns t orpbp 37 orp bypass delay 0.3 ns 0.8 0.3 outputs 1.3 10.0 t oen 40 i/o cell oe to output enabled 3.2 ns t odis 41 i/o cell oe to output disabled 3.2 ns 2.8 2.8 t goe 42 global output enable 2.8 ns 2.2 t gy0 43 clock delay, y0 to global glb clock line (ref. clock) 2.1 2.3 2.3 ns t gy1/2 44 clock delay, y1 or y2 to global glb clock line 2.1 2.3 2.3 ns clocks 2.1 2.1 t gr 45 global reset to glb 6.4 ns global reset 4.7 -180 min. max. 0.6 1.1 0.7 3.6 4.1 4.8 0.2 2.3 3.1 0.5 1.8 0.7 1.0 2.8 5.9 2.5 3.8 0.7 0.2 1.2 10.0 2.8 2.8 2.2 1.9 1.9 1.9 1.9 4.1 select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 8 use isplsi 2032e for new designs internal timing parameters 1 over recommended operating conditions t io 1. internal timing parameters are not tested and are for reference only. 2. refer to timing model in this data sheet for further details. 3. the xor adjacent path can only be used by hard macros. table 2-0036c-110/2032 inputs units -110 min. -80 min. max. max. description # 2 parameter 20 input buffer delay 2.2 ns t din 21 dedicated input delay 4.8 ns t grp 22 grp delay 2.6 ns glb t 1ptxor 25 1 product term/xor path delay 8.8 ns t 20ptxor 26 20 product term/xor path delay 9.2 ns t xoradj 27 xor adjacent path delay 10.2 ns t gbp 28 glb register bypass delay 0.0 ns t gsu 29 glb register setup time befor clock 0.1 ns t gh 30 glb register hold time after clock 6.0 ns t gco 31 glb register clock to output delay 0.4 ns 3 t gro 32 glb register reset to output delay 2.2 ns t ptre 33 glb product term reset to register delay 8.8 ns t ptoe 34 glb product term output enable to i/o cell delay 12.8 ns t ptck 35 glb product term clock delay 5.5 9.5 ns orp t ob 38 output buffer delay 2.4 ns t sl 39 output slew limited delay adder 10.0 ns 1.7 3.4 grp 1.7 t 4ptbpc 23 4 product term bypass path delay (combinatorial) 7.2 ns t 4ptbpr 24 4 product term bypass path delay (registered) 7.2 ns 6.2 6.8 7.5 0.1 4.9 4.8 0.5 4.0 0.6 1.8 5.9 7.1 4.0 7.0 t orp 36 orp delay 2.1 ns t orpbp 37 orp bypass delay 0.6 ns 1.5 0.5 outputs 1.2 10.0 t oen 40 i/o cell oe to output enabled 6.4 ns t odis 41 i/o cell oe to output disabled 6.4 ns 4.0 4.0 t goe 42 global output enable 5.6 ns 3.0 t gy0 43 clock delay, y0 to global glb clock line (ref. clock) 3.2 4.6 4.6 ns t gy1/2 44 clock delay, y1 or y2 to global glb clock line 3.2 4.6 4.6 ns clocks 3.2 3.2 t gr 45 global reset to glb 12.8 ns global reset 9.0 select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 9 use isplsi 2032e for new designs isplsi 2032/a timing model glb reg delay i/o pin (output) orp delay feedback reg 4 pt bypass 20 pt xor delays control pts i/o pin (input) y0,1,2 grp glb reg bypass orp bypass dq rst re oe ck i/o delay i/o cell orp glb grp i/o cell #24 #25, 26, 27 #33, 34, 35 #43, 44 #36 reset ded. in #21 #20 #28 #29, 30, 31, 32 #38, 39 goe 0 #42 #40, 41 0491/2000 #22 comb 4 pt bypass #23 #37 #45 derivations of t su, t h and t co from the product term clock 1 = = = = t su logic + reg su - clock (min) ( t io + t grp + t 20ptxor) + ( t gsu) - ( t io + t grp + t ptck(min)) (#20+ #22+ #26) + (#29) - (#20+ #22+ #35) (0.6 + 0.7 + 4.1) + (0.5) - (0.6 + 0.7 + 2.5) 2.1 ns = = = = t h clock (max) + reg h - logic ( t io + t grp + t ptck(max)) + ( t gh) - ( t io + t grp + t 20ptxor) (#20+ #22+ #35) + (#30) - (#20+ #22+ #26) (0.6 + 0.7 + 3.8) + (1.8) - (0.6 + 0.7 + 4.1) 1.5 ns = = = = t co clock (max) + reg co + output ( t io + t grp + t ptck(max)) + ( t gco) + ( t orp + t ob) (#20+ #22+ #35) + (#31) + (#36 + #38) (0.6 + 0.7 + 3.8) + (0.7) + (0.7 + 1.2) 7.7 ns table 2- 0042-16/2032 note: calculations are based upon timing specifications for the isplsi 2032/a-180l select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 10 use isplsi 2032e for new designs power consumption in the isplsi 2032 and 2032a de- vices depends on two primary factors: the speed at which the device is operating and the number of product terms used. figure 4 shows the relationship between power and operating speed. figure 4. typical device power consumption vs fmax 60 80 100 1 20 40 60 80 100 120 140 160 180 f max (mhz) i cc (ma) notes: configuration of two 16-bit counters typical current at 5v, 25 c isplsi 2032/a (-150, -180) isplsi 2032/a (-80, -110, -135) 90 70 40 50 0127a/2032a i cc can be estimated for the isplsi 2032/a using the following equation: for 2032/a -150, -180: i cc (ma) = 30 + (# of pts * 0.46) + (# of nets * max freq * 0.012) for 2032/a -135, -110, -80: i cc (ma) = 21 + (# of pts * 0.30) + (# of nets * max freq * 0.012) where: # of pts = number of product terms used in design # of nets = number of signals used in device max freq = highest clock frequency to the device (in mhz) the i cc estimate is based on typical conditions (v cc = 5.0v, room temperature) and an assumption of two glb loads on average exists. these values are for estimates only. since the value of i cc is sensitive to operating conditions and the program in the device, the actual i cc should be verified. 110 120 power consumption select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 11 use isplsi 2032e for new designs pin description 1. nc pins are not to be connected to any active signals, vcc or gnd. 2. pins have dual function capability. input/output pins ?these are the general purpose i/o pins used by the logic array. name table 2-0002a-08isp/2032 44-pin plcc pin numbers description 15, 19, 25, 29, 37, 41, 3, 7, 16, 20, 26, 30, 38, 42, 4, 8, 17, 21, 27, 31, 39, 43, 5, 9, i/o 0 - i/o 3 i/o 4 - i/o 7 i/o 8 - i/o 11 i/o 12 - i/o 15 i/o 16 - i/o 19 i/o 20 - i/o 23 i/o 24 - i/o 27 i/o 28 - i/o 31 18, 22, 28, 32, 40, 44, 6, 10 global output enable input pin. 2 goe 0 1, 23 gnd v cc 12, 34 17, 39 6, 28 18, 42 6, 30 vcc no connect. 12, 24, 36, 48 nc 1 ground (gnd) input ?this pin performs two functions. when ispen is logic low, it functions as an input pin to load programming data into the device. sdi/in0 also is used as one of the two control pins for the isp state machine. when ispen is high, it functions as a dedicated input pin. dedicated clock input. this clock input is connected to one of the clock inputs of all the glbs on the device. this pin performs two functions: input ?dedicated in-system programming enable input pin. this pin is brought low to enable the programming mode. the mode, sdi, sdo and sclk controls become active. reset/y1 y0 sdi/in 0 2 ispen mode input ?when in isp mode, controls operation of isp state machine. - dedicated clock input. this clock input is brought into the clock distribution network, and can optionally be routed to any glb and/or i/o cell on the device. output/input ?this pin performs two functions. when ispen is logic low, it functions as an output pin to read serial shift register data. when ispen is high, it functions as a dedicated input pin. sdo/in 1 2 input ?this pin performs two functions. when ispen is logic low, it functions as a clock pin for the serial shift register. when ispen is high, it functions as a dedicated clock input. this clock input is brought into the clock distribution network and can be routed to any glb and/or i/o cell on the device. sclk/y2 2 - active low (0) reset pin which resets all of the glb and i/o registers in the device. 35 11 14 13 36 24 33 44-pin tqfp pin numbers 48-pin tqfp pin numbers 9, 13, 19, 23, 31 35, 41, 1, 10, 14, 20, 24, 32, 36, 42, 2, 11, 15, 21, 25, 33, 37, 43, 3, 12, 16, 22, 26, 34, 38, 44, 4 40 5 29 7 8 30 18 27 9, 14, 20, 25, 33, 38, 44, 1, 10, 15, 21, 26, 34, 39, 45, 2, 11, 16, 22, 27, 35, 40, 46, 3, 13, 17, 23, 28, 37, 41, 47, 4 43 5 31 7 8 32 19 29 select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 12 use isplsi 2032e for new designs pin configuration isplsi 2032/a 44-pin plcc pinout diagram isplsi 2032/a 44-pin tqfp pinout diagram i/o 18 i/o 17 i/o 16 mode reset/y1 vcc sclk/y2 1 i/o 15 i/o 14 i/o 13 i/o 12 i/o 28 i/o 29 i/o 30 i/o 31 y0 vcc ispen 1 sdi/in 0 i/o 0 i/o 1 i/o 2 i/o 27 i/o 26 i/o 25 i/o 24 goe 0 gnd i/o 23 i/o 22 i/o 21 i/o 20 i/o 19 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 gnd 1 sdo/in 1 i/o 8 i/o 9 i/o 10 i/o 11 7 8 9 10 12 11 13 14 15 16 17 39 38 37 36 35 34 33 32 31 30 29 6 18 5 19 4 20 3 21 2 22 1 23 44 24 43 25 42 26 41 27 40 28 1. pins have dual function capability. isplsi 2032/a top view 0123b/2032/a i/o 18 i/o 17 i/o 16 mode reset/y1 vcc sclk/y2 1 i/o 15 i/o 14 i/o 13 i/o 12 i/o 28 i/o 29 i/o 30 i/o 31 y0 vcc ispen 1 sdi/in 0 i/o 0 i/o 1 i/o 2 i/o 27 i/o 26 i/o 25 i/o 24 goe 0 gnd i/o 23 i/o 22 i/o 21 i/o 20 i/o 19 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 gnd 1 sdo/in 1 i/o 8 i/o 9 i/o 10 i/o 11 isplsi 2032/a top view 1 2 3 4 6 5 7 8 9 10 11 33 32 31 30 29 28 27 26 25 24 23 44 12 43 13 42 14 41 15 40 16 39 17 38 18 37 19 36 20 35 21 34 22 0851/2032/a 1. pins have dual function capability. select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 13 use isplsi 2032e for new designs pin configuration isplsi 2032/a 48-pin tqfp pinout diagram i/o 18 i/o 17 i/o 16 mode reset/y1 2 vcc sclk/y2 2 i/o 15 i/o 14 i/o 13 i/o 12 i/o 28 i/o 29 i/o 30 i/o 31 y0 vcc ispen 2 sdi/in 0 i/o 0 i/o 1 i/o 2 i/o 27 i/o 26 i/o 25 i/o 24 goe 0 gnd i/o 23 i/o 22 i/o 21 i/o 20 i/o 19 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 gnd 2 sdo/in 1 i/o 8 i/o 9 i/o 10 i/o 11 isplsi 2032/a top view 1 2 3 4 6 5 7 8 9 10 11 35 34 33 32 31 30 29 28 27 26 25 47 13 46 14 45 15 44 16 43 17 42 18 41 19 40 20 39 21 38 22 37 23 48-pin tqfp-2032/a 1 nc 12 1 nc 24 nc 1 36 nc 1 48 1. nc pins are not to be connected to any active signal, vcc or gnd. 2. pins have dual function capability. select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 14 use isplsi 2032e for new designs ylima ff )zhm(xam t )sn(dp rebmungniredr oe gakcap islpsi 08 10 .5 cclpnip-44 08 10 .5 pfqtnip-44 08 10 .5 pfqtnip-84 45 15 .5 cclpnip-44 45 15 .5 pfqtnip-44 45 15 .5 pfqtnip-84 73 15 .7 cclpnip-44 73 15 .7 pfqtnip-44 73 15 .7 pfqtnip-84 11 10 1 cclpnip-44 11 10 1 pfqtnip-44 11 10 1 pfqtnip-84 4 85 1 cclpnip-44 4 85 1 pfqtnip-44 4 85 1 pfqtnip-84 2a302/a1400-2elbat isplsi 2032a-180lj44 isplsi 2032a-180lt44 isplsi 2032a-180lt48 isplsi 2032a-150lj44 isplsi 2032a-150lt44 isplsi 2032a-150lt48 isplsi 2032a-135lj44 isplsi 2032a-135lt44 isplsi 2032a-135lt48 isplsi 2032a-110lj44 isplsi 2032a-110lt44 isplsi 2032a-110lt48 isplsi 2032a-80lj44 isplsi 2032a-80lt44 isplsi 2032a-80lt48 isplsi 2032/a ordering information part number description industrial commercial ylima ff )zhm(xam t )sn(dp rebmungniredr oe gakcap islpsi 4 85 1 cclpnip-44 4 85 1 pfqtnip-44 4 85 1 pfqtnip-84 table 2-0041b/2032a isplsi 2032a-80lj44i isplsi 2032a-80lt44i isplsi 2032a-80lt48i conventional packaging isplsi xxxx xxx x xxx grade blank = commercial i = industrial x speed 180 = 180 mhz f max 150 = 154 mhz f max 135 = 137 mhz f max 110 = 111 mhz f max 80 = 84 mhz f max device number 2032 1 2032a 1. discontinued per pcn #02-06. contact rochester electronics for available inventory. power l = low package j = plcc t44 = tqfp t48 = tqfp jn = lead-free plcc tn48 = lead-free tqfp tn48 = lead-free tqfp device family select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 15 use isplsi 2032e for new designs industrial commercial lead-free packaging isplsi 2032/a ordering information (cont.) conventional packaging commercial f )zhm(xam t )sn(dp package ordering number family isplsi 08 10 .5 08 10 .5 08 10 .5 45 15 .5 45 15 .5 45 15 .5 73 15 .7 73 15 .7 73 15 .7 11 10 1 11 10 1 11 10 1 4 85 1 4 85 1 4 85 1 isplsi 2032a-180ljn44 isplsi 2032a-135ljn44 isplsi 2032a-110ljn44 isplsi 2032a-80ljn44 isplsi 2032a-150ljn44 isplsi 2032a-180ltn44 isplsi 2032a-110ltn44 isplsi 2032a-80ltn44 isplsi 2032a-110ltn48 isplsi 2032a-80ltn48 isplsi 2032a-135ltn44 isplsi 2032a-135ltn48 isplsi 2032a-150ltn44 isplsi 2032a-180ltn48 isplsi 2032a-150ltn48 lead-free 44-pin plcc lead-free 44-pin plcc lead-free 44-pin plcc lead-free 44-pin plcc lead-free 44-pin plcc lead-free 44-pin tqfp lead-free 44-pin tqfp lead-free 44-pin tqfp lead-free 48-pin tqfp lead-free 48-pin tqfp lead-free 44-pin tqfp lead-free 48-pin tqfp lead-free 44-pin tqfp lead-free 48-pin tqfp lead-free 48-pin tqfp ylima ff )zhm(xam t )sn(dp rebmungniredr oe gakcap islpsi 08 10 .5 1. discontinued per pcn #02-06. contact rochester electronics for available inventory. cclpnip-44 08 10 .5 pfqtnip-44 08 10 .5 pfqtnip-84 45 15 .5 cclpnip-44 45 15 .5 pfqtnip-44 45 15 .5 pfqtnip-84 73 15 .7 cclpnip-44 73 15 .7 pfqtnip-44 73 15 .7 pfqtnip-84 11 10 1 cclpnip-44 11 10 1 pfqtnip-44 11 10 1 pfqtnip-84 4 85 1 cclpnip-44 4 85 1 pfqtnip-44 4 85 1 pfqtnip-84 isplsi 2032a-180lj44 1 isplsi 2032a-180lt44 1 isplsi 2032a-180lt48 1 isplsi 2032a-150lj44 1 isplsi 2032a-150lt44 1 isplsi 2032a-150lt48 1 isplsi 2032a-135lj44 1 isplsi 2032a-135lt44 1 isplsi 2032a-135lt48 1 isplsi 2032a-110lj44 1 isplsi 2032a-110lt44 1 isplsi 2032a-110lt48 1 isplsi 2032a-80lj44 1 isplsi 2032a-80lt44 1 isplsi 2032a-80lt48 1 ylima ff )zhm(xam t )sn(dp rebmungniredr oe gakcap islpsi 4 85 1 cclpnip-44 4 85 1 pfqtnip-44 4 85 1 pfqtnip-84 isplsi 2032-80lji 1 isplsi 2032-80lt44i 1 isplsi 2032-80lt48i 1 1. discontinued per pcn #02-06. contact rochester electronics for available inventory. select devices have been discontinued. see ordering information section for product status.
specifications isplsi 2032/a 16 use isplsi 2032e for new designs isplsi 2032/a ordering information (cont.) lead-free packaging industrial lead-free 44-pin plcc lead-free 44-pin tqfp lead-free 48-pin tqfp ylima ff )zhm(xam t )sn(dp rebmungniredr oe gakcap islpsi 4 85 1 4 85 1 4 85 1 isplsi 2032a-80ljn44i isplsi 2032a-80ltn44i isplsi 2032a-80ltn48i revision history date version 11 10 august 2006 change summary updated for lead-free package options. previous lattice release. select devices have been discontinued. see ordering information section for product status.


▲Up To Search▲   

 
Price & Availability of ISPLSI2032A-110LTN48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X